Part Number Hot Search : 
MDR2100 6715MMM DM78L06A LY621 TMP8155P T5100150 ULQ2003A UPD7801
Product Description
Full Text Search
 

To Download 233-105-G6Z111-35PCN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  environmental connectors glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 printed in u.s.a. www.glenair.com cage code 06324 ? 2008 glenair, inc. e- mail: sales@glenair.com d-18 d 233-105-g6 mil-dtl-38999 series iii type environmental plug connector application notes 1. material/ finishes: barrel, coupling nut - see table ii (composite coupling nut - no plating required). insulators- high grade rigid dielectric/ n.a seals- fluorosilicone/ n.a. 2. assembly to be identifed with glenairs name, part number and date code space permitting. 3. insert arrangement in accordance with mil-std-1560. 4. insert arrangement shown is for reference only. 5. blue color band indicates rear release retention system. 6. 16# awg contact arrangements only. see available arrangements opposite page. 7. metric dimensions (mm) are indicated in parentheses. .122 (3.1 ) .118 (3.0 ) knurl manufacturer s optio n yellow color band blue color band (see note 6) ee thread 1.220 (31.0) ma x x o dd ma x see note 2 master key see notes 3 and 4 o cc ma insert arrangement (see opposite page) basic part number 233-105 - d38999 series iii type power connector alternate key position a, b, c, d, or e (n for normal) contact type (see table i) shell size 11 13 15 17 19 21 23 25 233-105 - g6 m 11 - 21 s n shell style g6 - plug finish material (see table ii) consult factory for available insert arrangements.
environmental connectors glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 printed in u.s.a. www.glenair.com cage code 06324 ? 2008 glenair, inc. e- mail: sales@glenair.com d-19 d table iii: shell size shell size code shell size cc max dia dd max dia ee thread b 11 .929 (23.6) .984 (25.0) m15 x 1.0-6g 0.100r c 13 1.110 (28.2) 1.157 (29.4) m18 x 1.0-6g 0.100r d 15 1.232 (31.3) 1.280 (32.5) m22 x 1.0-6g 0.100r e 17 1.358 (34.5) 1.406 (35.7) m25 x 1.0-6g 0.100r f 19 1.469 (37.3) 1.516 (38.5) m28 x 1.0-6g 0.100r g 21 1.594 (40.5) 1.642 (41.7) m31 x 1.0-6g 0.100r h 23 1.720 (43.7) 1.768 (44.9) m34 x 1.0-6g 0.100r j 25 1.843 (46.8) 1.890 (48.0) m37 x 1.0-6g 0.100r table i: contact types ordering code assembly dash number wire size type military part number p 850-002-16-364 #16 C #20 pin m39029/58-364 s 850-001-16-352 #16 C #20 socket m39029/56-352 pc 852-008-16-424 rg174, rg316, rg179 pin m39029/76-424 sc 852-009-16-428 rg174, rg316, rg179 socket m39029/77-428 233-105-g6 mil-dtl-38999 series iii type environmental plug connector table ii: finish sym material finish m aluminum electroless nickel mt aluminum ni-ptfe 1000 hour grey tm nf aluminum cadmium o.d. over electroless nickel xm composite electroless nickel xmt composite ni-ptfe 1000 hour grey tm xw composite cadmium o.d. over electroless nickel z1 stainless steel passivate zl stainless steel electro-deposited nickel *consult factory for additional plating options


▲Up To Search▲   

 
Price & Availability of 233-105-G6Z111-35PCN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X